PART |
Description |
Maker |
M36W108AB M36W108AB100ZM1T M36W108AB100ZM5T M36W10 |
8 MBIT (1MB X8, BOOT BLOCK) FLASH MEMORY AND 1 MBIT (128KB X8) SRAM LOW VOLTAGE MULTI-MEMORY PRODUCT 8 Mbit (1Mb x8, Boot Block) Flash Memory and 1 Mbit (128Kb x8) SRAM Low Voltage Memory 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product From old datasheet system
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V101 M27V101-100B1TR M27V101-100B6TR M27V101-10 |
1-Bit to 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TVSOP -40 to 85 1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M68Z128W M68Z128W-70N1T M68Z128WN |
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable 3V的,1兆位的输128KB的x8低功耗SRAM启用 128K X 8 STANDARD SRAM, 70 ns, PDSO32 8 X 20 MM, PLASTIC, TSOP1-32 3V / 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M29W010 M29W010B M29W010B45K1T M29W010B45K6T M29W0 |
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory Excalibur Low-Noise High-Speed Precision Operational Amplifier 8-SOIC
|
ST Microelectronics STMicroelectronics 意法半导
|
M27C202-100B1TR M27C202-100B3TR M27C202-100B6TR M2 |
From old datasheet system 2 Mbit (128Kb x16) UV EPROM and OTP EPROM CAP .18UF 400V POLYPROPYLENE RES 200-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 2 Mbit 128Kb x16 UV EPROM and OTP EPROM 2兆位存储28KB的x16紫外线和OTP存储 8-Pin SOIC Dual-Channel Low Current High Gain Split Darlington Output Optocoupler 2兆位存储28KB的x16紫外线和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. HIROSE ELECTRIC Co., Ltd.
|
M27W10106 M27W101-200B6TR M27W101-200F6TR M27W101- |
1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics
|
M29W010B70N6 M29W010B90N6T M29W010B M29W010B45K1 M |
128K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M29F100B M29F100T 5123 M29F100B-90M1R M29F100B-90M |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory From old datasheet system 1 Mbit (128Kb x8 or 64Kb x16, Boot Block)Single Supply Flash Memory
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M48Z129V-85PM1 |
1 MBIT (128KB X 8) ZEROPOWER SRAM
|
ST Microelectronics
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
M29F100B |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
SGS Thomson Microelectronics
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|